Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS51232Z4L-10 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HMS51232Z4L-10
Description  SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS51232Z4L-10 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HMS51232Z4L-10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMS51232Z4L-10 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HANBit
HMS51232M4L
HANBit Electronics Co.,Ltd.
9
PACKAGING INFORMATION
SIMM Design
(Solder & Gold Plating Lead)
1
72
108.20 mm
2.03 mm
1.02 mm
6.35 mm
1.27 mm
95.25 mm
3.34 mm
6.35 mm
3.18 mm
T YP(2x)
16 mm
1.29
±0.08mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm


Similar Part No. - HMS51232Z4L-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232Z4V HANBIT-HMS51232Z4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232Z4V-10 HANBIT-HMS51232Z4V-10 Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232Z4V-12 HANBIT-HMS51232Z4V-12 Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232Z4V-15 HANBIT-HMS51232Z4V-15 Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232Z4V-17 HANBIT-HMS51232Z4V-17 Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
More results

Similar Description - HMS51232Z4L-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com