Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT48 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # CT48
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CT48 Datasheet(HTML) 4 Page - Continental Device India Limited

  CT48 Datasheet HTML 1Page - Continental Device India Limited CT48 Datasheet HTML 2Page - Continental Device India Limited CT48 Datasheet HTML 3Page - Continental Device India Limited CT48 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
CT40_59 / CT70_79 Rev_1 210103D
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in
your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the
Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD
are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information.
Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey
any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or
systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end
products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any
damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 4 of 4
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
CT 40 TO CT 59
CT 70 TO CT 79


Similar Part No. - CT48

ManufacturerPart #DatasheetDescription
logo
3M Electronics
CT48BK175-L 3M-CT48BK175-L Datasheet
113Kb / 5P
   3M??Cable Ties
CT48NT175-L 3M-CT48NT175-L Datasheet
113Kb / 5P
   3M??Cable Ties
More results

Similar Description - CT48

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ26 CDIL-CTZ26 Datasheet
213Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4148 TEL-1N4148 Datasheet
80Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
   200mA Axial Leaded High Speed Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
   0.5A Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
   100mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
   120mA Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com