Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS3224M3-17 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HMS3224M3-17
Description  SRAM MODULE 768KBit (32K x 24-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS3224M3-17 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HMS3224M3-17 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMS3224M3-17 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HMS3224M3/Z3
HANBit Electronics Co.,Ltd.
10
ODERING INFORMATION
1. - Product Line Identifier
HANBit Technology --------------------------------------- H
2. - Memory Modules
3. - SRAM
4. - Depth : 32K
5. - Width : x 24bit
6. - Package Code
SIMM ------------------------------------------------------- M
ZIP
------------------------------------------------------- Z
7. – Number of Memory Components
8. - Access time
10 ----------------------------------------------------------- 10ns
12 ----------------------------------------------------------- 12ns
15 ----------------------------------------------------------- 15ns
17 ----------------------------------------------------------- 17ns
20 ----------------------------------------------------------- 20ns
SRAM
X24bit
1
2
3
4
5
6
7
8
15ns Access Time
H M S
32 24 M 3 - 15
HANBit
Memory
Modules
SIMM
32K
Component


Similar Part No. - HMS3224M3-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7080 ETC-HMS30C7080 Datasheet
36Kb / 2P
   Mobile Phone Camera Back-End Processor
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
   Multipurpose Network Processor
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
More results

Similar Description - HMS3224M3-17

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Taiwan Memory Technolog...
T35L3232B TMT-T35L3232B Datasheet
261Kb / 19P
   32K x 32 SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com