Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS2M32M16G-20 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HMS2M32M16G-20
Description  SRAM MODULE 8Mbyte (2M x 32-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS2M32M16G-20 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HMS2M32M16G-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMS2M32M16G-20 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HANBit
HMS2M32M16G
HANBit Electronics Co.,Ltd.
PACKAGE DIMMENSIONS
SIMM Design
(Solder & Gold Plating Lead)
0.25 mm MAX
MIN
2.54 mm
1.27
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm
1
72
107.95 mm
2.0 mm
1.02 mm
6.35 mm
1.27 mm
95.25 mm
10.16 mm
10.16 mm
.125 (3.18)
T YP(2x)
3.38 mm
6.35 mm
6.35 mm
3.38 mm
27.0 mm
1.29
± 0.08mm


Similar Part No. - HMS2M32M16G-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
More results

Similar Description - HMS2M32M16G-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMS4M16M16G HANBIT-HMS4M16M16G Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com