Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32Z8V-20 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32Z8V-20
Description  SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32Z8V-20 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

  HMS1M32Z8V-20 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS1M32Z8V-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HANBit
HMS1M32M8V
HANBit Electronics Co.,Ltd.
opposite phase of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and
write cycle.
8. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance state.
9. DOUT is the read data of the new address.
10. When /CE is low: I/O pins are in the output state. The input signals in the opposite phase leading to the output
should not be applied.
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
l SB, l SB1
L
H
H
Output Disable
High-Z
lCC
LH
L
Read
DOUT
lCC
L
L
X
Write
DIN
lCC
Note: X means Don't Care
PACKAGING DIMMENSIONS
SIMM Design
(Solder & Gold Plating Lead)
1.29 mm
1
72
108.20 mm
2.03 mm
1.02 mm
6.35 mm
1.27 mm
95.25 mm
3.34 mm
6.35 mm
3.18 mm
T YP(2x)
16 mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold : 1.04
±0.10 mm
Solder : 0.914
±0.10 mm


Similar Part No. - HMS1M32Z8V-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32Z8 HANBIT-HMS1M32Z8 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8A HANBIT-HMS1M32Z8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-10 HANBIT-HMS1M32Z8A-10 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-12 HANBIT-HMS1M32Z8A-12 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-15 HANBIT-HMS1M32Z8A-15 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
More results

Similar Description - HMS1M32Z8V-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
logo
Siemens Semiconductor G...
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com