Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32Z8S-20 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32Z8S-20
Description  High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32Z8S-20 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS1M32Z8S-20 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS1M32Z8S-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HMS1M32M8S
HANBit Electronics Co.,Ltd.
5
READ CYCLE
-15
-17
-20
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
15
-
17
-
20
-
ns
Address Access Time
tAA
-15
-
17
-
20
ns
Chip Select to Output
tCO
-15
-
17
-
20
ns
Output Enable to Output
tOE
-7
-8
-
9
ns
Output Enable to Low-Z Output
tOLZ
0-
0-0
-
ns
Chip Enable to Low-Z Output
tLZ
3-
3-3
-
ns
Output Disable to High-Z Output
tOHZ
0708
0
9
ns
Chip Disable to High-Z Output
tHZ
0708
0
9
ns
Output Hold from Address Change
tOH
3-
3-3
-
ns
Chip Select to Power Up Time
tPU
0-
0-0
-
ns
Chip Select to Power Down Time
tPD
-
15
-
17
-
20
ns
WRITE CYCLE
-15
-17
-20
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
15
-
17
-
20
-
ns
Chip Select to End of Write
tCW
12
-
13
-
14
-
ns
Address Set-up Time
tAS
0-
0-0
-
ns
Address Valid to End of Write
tAW
12
-
13
-
14
-
ns
Write Pulse Width (/OE=High)
tWP
12
-
13
-
14
-
ns
Write Recovery Time (/OE=Low)
tWR
0-
0-0
-
ns
Write to Output High-Z
tWZ
0708
0
9
ns
Data to Write Time Overlap
tDW
8-
9-
10
-
ns
Data Hold from Write Time
tDH
0-
0-0
-
ns
End of Write to Output Low-Z
tOW
3-
3-3
-
ns


Similar Part No. - HMS1M32Z8S-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32Z8 HANBIT-HMS1M32Z8 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8A HANBIT-HMS1M32Z8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-10 HANBIT-HMS1M32Z8A-10 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-12 HANBIT-HMS1M32Z8A-12 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-15 HANBIT-HMS1M32Z8A-15 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
More results

Similar Description - HMS1M32Z8S-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com