Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32M8LA-70 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32M8LA-70
Description  SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32M8LA-70 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMS1M32M8LA-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32M8LA-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HANBit
HMS1M32M8LA
URL: www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
l SB, l SB1
L
H
H
Output Disable
High-Z
lCC
L
H
L
Read
DOUT
lCC
L
L
X
Write
DIN
lCC
Note: X means Don't Care
DATA RETENTION CHARACTERISTICS* (TA = 0 to 70 ℃ )
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
VCC for Data Retention
VDR
/CE≥ VCC-0.2V
2
5.5
V
Data Retention Current
IDR
VCC=3.0V, /CE≥ VCC-0.2V
VIN≥ VCC-0.2V or VIN≤ 0.2V
-
320
µA
Data Retention Set-up Time
tSDR
0
-
ns
Recovery Time
tRDR
See Data Retention
Wave forms(below)
5
-
ns
* L-Version Only
DATA RETENTION WAVEFORM 1 (/CE Controlled)
/CE≥ Vcc- 0.2V
tSDR
tRDR
Data Retention Mode
Vcc
4.5V
2.2V
VDR
/CE
Vss


Similar Part No. - HMS1M32M8LA-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8L-55 HANBIT-HMS1M32M8L-55 Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8L-70 HANBIT-HMS1M32M8L-70 Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
More results

Similar Description - HMS1M32M8LA-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com