Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32Z8L Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32Z8L
Description  SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32Z8L Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS1M32Z8L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32Z8L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HANBit
HMS1M32M8L
URL: www.hbe.co.kr
5
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
READ CYCLE
-55
-70
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
55
70
ns
Address Access Time
tAA
55
70
ns
Chip Select to Output
tCO
55
70
ns
Output Enable to Output
tOE
25
35
ns
Output Enable to Low-Z Output
tOLZ
5
5
ns
Chip Enable to Low-Z Output
tLZ
10
10
ns
Output Disable to High-Z Output
tOHZ
0
20
0
25
ns
Chip Disable to High-Z Output
tHZ
0
20
0
25
ns
Output Hold from Address Change
tOH
10
10
ns
WRITE CYCLE
-55
-70
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
55
70
ns
Chip Select to End of Write
tCW
45
60
ns
Address Set-up Time
tAS
0
0
ns
Address Valid to End of Write
tAW
45
60
ns
Write Pulse Width
tWP
40
50
ns
Write Recovery Time
tWR
0
0
ns
Write to Output High-Z
tWHZ
0
20
0
25
ns
Data to Write Time Overlap
tDW
25
30
ns
Data Hold from Write Time
tDH
0
0
ns
End of Write to Output Low-Z
tOW
5
5
ns
TIMING DIAGRAMS
Please refer to timing diagram chart(II)


Similar Part No. - HMS1M32Z8L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32Z8 HANBIT-HMS1M32Z8 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8A HANBIT-HMS1M32Z8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-10 HANBIT-HMS1M32Z8A-10 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-12 HANBIT-HMS1M32Z8A-12 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS1M32Z8A-15 HANBIT-HMS1M32Z8A-15 Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
More results

Similar Description - HMS1M32Z8L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com