Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32Z8A-10 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32Z8A-10
Description  SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32Z8A-10 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMS1M32Z8A-10 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HANBit
HMS1M32M8A/Z8A
HANBit Electronics Co.,Ltd.
7
Notes(Write Cycle)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low /CE and a low /WE. A write begins at the latest transition among
/CE going low and /WE going low: A write ends at the earliest transition among /CE going high and /WE going high.
tWP is measured from the beginning of write to the end of write.
3. tCW is measured from the later of /CE going low to the end of write.
4. tAS is measured from the address valid to the beginning of wirte.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CE, or /WE going high.
6. If /OE,/CE and /WE are in the read mode during this period, the I/O pins are in the output low-Z state. Inputs of
opposite phase of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and
write cycle.
8. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance state.
9. DOUT is the read data of the new address.
10. When /CE is low: I/O pins are in the output state. The input signals in the opposite phase leading to the output
should not be applied.
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
I SB, I SB1
L
H
H
Output Disable
High-Z
ICC
LH
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC
Note: X means Don't Care


Similar Part No. - HMS1M32Z8A-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32Z8 HANBIT-HMS1M32Z8 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-10 HANBIT-HMS1M32Z8G-10 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-12 HANBIT-HMS1M32Z8G-12 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-15 HANBIT-HMS1M32Z8G-15 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-17 HANBIT-HMS1M32Z8G-17 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
More results

Similar Description - HMS1M32Z8A-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMS12832M4G HANBIT-HMS12832M4G Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com