Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32M8A Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32M8A
Description  SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32M8A Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS1M32M8A Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS1M32M8A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HANBit
HMS1M32M8A/Z8A
HANBit Electronics Co.,Ltd.
5
Data Valid
WRITE CYCLE
-10
-12
-15
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
10
-
12
-
15
-
ns
Chip Select to End of Write
tCW
7-
8-
10
-
ns
Address Set-up Time
tAS
0-
0-0
-
ns
Address Valid to End of Write
tAW
7-
8-
10
-
ns
Write Pulse Width (/OE High)
tWP
7-
8-
10
-
ns
Write Recovery Time
tWR
0-
0-0
-
ns
Write to Output High-Z
tWHZ
0506
0
7
ns
Data to Write Time Overlap
tDW
5-
6-7
-
ns
Data Hold from Write Time
tDH
0-
0-0
-
ns
End of Write to Output Low-Z
tOW
3-
3-3
-
ns
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE( Address Controlled)( /CE =/OE = VIL , /WE = VIH)
TIMING WAVEFORM OF READ CYCLE ( /WE = VIH )
tRC
Address
Data out
Previous Data Valid
Data Valid
tOH
tAA
tAA
tCO
tLZ(4,5
)
High-Z
lSB
50%
50%
tPD
Address
/CE
/OE
Data Out
Vcc Supply
Current
tRC
tPU
lCC
tOE
tOLZ
tOH
tOHZ
tHZ(3,4,5)


Similar Part No. - HMS1M32M8A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8G-10 HANBIT-HMS1M32M8G-10 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8G-12 HANBIT-HMS1M32M8G-12 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8G-15 HANBIT-HMS1M32M8G-15 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8G-17 HANBIT-HMS1M32M8G-17 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
More results

Similar Description - HMS1M32M8A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMS12832M4G HANBIT-HMS12832M4G Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com