Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3866 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2N3866
Description  Silicon planar epitaxial overlay transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3866 Datasheet(HTML) 7 Page - NXP Semiconductors

  2N3866 Datasheet HTML 1Page - NXP Semiconductors 2N3866 Datasheet HTML 2Page - NXP Semiconductors 2N3866 Datasheet HTML 3Page - NXP Semiconductors 2N3866 Datasheet HTML 4Page - NXP Semiconductors 2N3866 Datasheet HTML 5Page - NXP Semiconductors 2N3866 Datasheet HTML 6Page - NXP Semiconductors 2N3866 Datasheet HTML 7Page - NXP Semiconductors 2N3866 Datasheet HTML 8Page - NXP Semiconductors 2N3866 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1995 Oct 27
7
Philips Semiconductors
Product specification
Silicon planar epitaxial
overlay transistors
2N3866; 2N4427
Fig.5 Test circuit for the 2N4427 at 175 MHz.
VCC = +12 V.
(1) The length of the external emitter wire is 1.6 mm.
handbook, full pagewidth
C1
input
50
output
50
L1
C2
C6
R
C3
C4
MGC940
L2
L4
L3
C5
DUT
VCC
(1)
List of components (see Fig.5)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C2, C3, C4
air trimmer capacitor
4 to 29 pF
C5
feed-through
capacitor
1nF
C6
capacitor
12 nF
R
resistor
10
L1
2 turns 1.0 mm
copper wire
int. diameter 6 mm;
winding pitch 2 mm;
leads 2
× 10 mm
L2
Ferroxcube choke coil Z = 550
Ω;
f = 175 MHz
4312 020 36640
L3
2 turns 1.0 mm
copper wire
int. diameter 5 mm;
winding pitch 2 mm;
leads 2
× 10 mm
L4
3 turns 1.5 mm
copper wire
int. diameter 10 mm;
winding pitch 2 mm;
leads 2
× 15 mm


Similar Part No. - 2N3866

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866 SEMICOA-2N3866 Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Inchange Semiconductor ...
2N3866 ISC-2N3866 Datasheet
256Kb / 2P
   isc Silicon NPN Planar Epitaxial OverlayTransistor
logo
Microsemi Corporation
2N3866 MICROSEMI-2N3866 Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3866 ETC-2N3866 Datasheet
380Kb / 6P
   46 DARRAND STREET BLOOMFIELD, NEW JERSEY 07003
logo
Advanced Semiconductor
2N3866 ASI-2N3866 Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - 2N3866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3553 PHILIPS-2N3553 Datasheet
45Kb / 8P
   Silicon planar epitaxial overlay transistor
1995 Oct 27
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com