Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3866 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2N3866
Description  Silicon planar epitaxial overlay transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3866 Datasheet(HTML) 6 Page - NXP Semiconductors

  2N3866 Datasheet HTML 1Page - NXP Semiconductors 2N3866 Datasheet HTML 2Page - NXP Semiconductors 2N3866 Datasheet HTML 3Page - NXP Semiconductors 2N3866 Datasheet HTML 4Page - NXP Semiconductors 2N3866 Datasheet HTML 5Page - NXP Semiconductors 2N3866 Datasheet HTML 6Page - NXP Semiconductors 2N3866 Datasheet HTML 7Page - NXP Semiconductors 2N3866 Datasheet HTML 8Page - NXP Semiconductors 2N3866 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1995 Oct 27
6
Philips Semiconductors
Product specification
Silicon planar epitaxial
overlay transistors
2N3866; 2N4427
Ruggedness
The transistors are capable of withstanding a load mismatch corresponding to VSWR = 3 : 1 varied through all phases,
under the conditions mentioned in Table 1.
Fig.4 Test circuit for the 2N3866 at 400 MHz.
VEE = −28 V
handbook, full pagewidth
C2
input
50
output
50
L1
C1
C7
C6
C5
R2
R1
C3
C4
MGC941
L2
L3
L5
L4
DUT
VEE
List of components (see Fig.4)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C2, C3
air trimmer capacitor
4 to 29 pF
C4
air trimmer capacitor
4 to 14 pF
C5
feed-through
capacitor
1nF
C6
capacitor
12 pF
C7
capacitor
12 nF
R1
resistor
5.6
R2
resistor
10
L1
2 turns 1.0 mm
copper wire
int. diameter 6 mm;
winding pitch 3 mm
L2
Ferroxcube choke coil Z = 450
Ω;
f = 250 MHz
4312 020 36690
L3, L4
6 turns enamelled
0.5 mm copper wire
100 nH
int. diameter 3.5 mm
L5
2 turns 1.0 mm
copper wire
int. diameter 7 mm;
winding pitch
2.5 mm; leads
2
× 15 mm


Similar Part No. - 2N3866

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866 SEMICOA-2N3866 Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Inchange Semiconductor ...
2N3866 ISC-2N3866 Datasheet
256Kb / 2P
   isc Silicon NPN Planar Epitaxial OverlayTransistor
logo
Microsemi Corporation
2N3866 MICROSEMI-2N3866 Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3866 ETC-2N3866 Datasheet
380Kb / 6P
   46 DARRAND STREET BLOOMFIELD, NEW JERSEY 07003
logo
Advanced Semiconductor
2N3866 ASI-2N3866 Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - 2N3866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3553 PHILIPS-2N3553 Datasheet
45Kb / 8P
   Silicon planar epitaxial overlay transistor
1995 Oct 27
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com