Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL750 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL750
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL750 Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL750 Datasheet HTML 1Page - Continental Device India Limited CLL750 Datasheet HTML 2Page - Continental Device India Limited CLL750 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON ZENER DIODES
Hermetically Sealed Glass Silicon Zener Diodes
SOD-80C Zener Diodes
CLL750 to CLL759, 500mW Hermetically Sealed, Glass Silicon Zener Diodes
Electrical Characteristics : T
A = 25°C, VF = 1.5 V Max @ 200 mA for all types
Nominal
Test
Max Reverse Leakage Current
Type
Zener Voltage
Current Max Zener Impedance
Maximum
No.
V
Z @ IZT
I
ZT
Z
ZT @ IZT
DC Zener Current
T
A = 25ºC
T
A = 150ºC
(Note 1)
(Note 2)
(Note 2)
Ohms
I
ZM
I
R @ VR = 1 V
I
R @ VR = 1 V
Volts
mA
mA
µA
µA
CLL750
4.7
20
19
75
95
2.0
30
CLL751
5.1
20
17
70
85
1.0
20
CLL752
5.6
20
11
65
80
1.0
20
CLL753
6.2
20
7
60
70
0.1
20
CLL754
6.8
20
5
55
65
0.1
20
CLL755
7.5
20
6
50
60
0.1
20
CLL756
8.2
20
8
45
55
0.1
20
CLL757
9.1
20
10
40
50
0.1
20
CLL758
10.0
20
17
35
45
0.1
20
CLL759
12.0
20
30
30
35
0.1
20
Polarity : Cathode indicated by colour band.
Note 1 : CLL750 Series : ± 10% tolerance; Suffix A ± 5% tolerance.
Note 2 : Pulse test : 20ms
≤ tp ≤ 50ms.
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CLL750_759Rev210902E


Similar Part No. - CLL750

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
CITIZEN ELECTRONICS CO....
CLL012-0305A5-273M1A2 CITIZEN-CLL012-0305A5-273M1A2 Datasheet
445Kb / 12P
   This data sheet is applied to the LED package
CLL012-0305A5-50KL1A1 CITIZEN-CLL012-0305A5-50KL1A1 Datasheet
483Kb / 12P
   This data sheet is applied to the LED package
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
More results

Similar Description - CLL750

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com