Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL7808DT Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CL7808DT
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CL7808DT Datasheet(HTML) 1 Page - Continental Device India Limited

  CL7808DT Datasheet HTML 1Page - Continental Device India Limited CL7808DT Datasheet HTML 2Page - Continental Device India Limited CL7808DT Datasheet HTML 3Page - Continental Device India Limited CL7808DT Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
CL7808DT
TO-252 (DPAK)
Pin: 1 Input
Plastic Package
2 Ground
3 Output
The voltages available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
UNIT
Input Voltage
Power Dissipation
W
Operating Junction Temperature
Range
ºC
Storage Temperature Range
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
ºC/W
Junction to Case
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
VIN=15V, IO=100mA, Ta=25ºC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VO
IO=5mA ~ 1.5A
VIN=10.5 ~ 23V, PD 15W
Line Regulation
REGV
VIN=10.5 ~ 25V
80
mV
Load Regulation
REGL
IO=5mA ~ 1.5A
80
mV
Quiescent Current
IQ
8.0
mA
Quiescent Current Change
IQ
VIN=10.5 ~ 25V
1.0
mA
IO=5mA ~ 1A
0.5
mA
Input Voltage
VIN
10.5
25
V
Ripple Rejection Radio
RR
VIN=11.5 ~ 21.5V, f=120Hz
58
dB
Max Output Current
IOM
TJ=25ºC
2.2
A
Output Voltage Drift
V/T
IO=5mA , TJ=0 ~ 125ºC
- 0.4
mV/ºC
Output Noise Voltage
VNO
f=10Hz ~ 100KHz
10
µV
Short Circuit Current Limit
ISC
TJ=25ºC
2.0
A
MARKING
CL
7808DT
XY
MX
XY= Date Code
CL7808DT Rev150905E
Tstg
7.7
8.3
V
SYMBOL
VIN
VALUE
35
- 65 to +150
+150
40
V
Tj
PD
5
Rth (j-a)
Rth (j-c)
92
5.0
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CL7808DT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CL7805D2T CDIL-CL7805D2T Datasheet
271Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CL7808DT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com