Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUS-0.1W Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # AUS-0.1W
Description  0.1W UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

AUS-0.1W Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  AUS-0.1W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/24
1
FEATURES
DUAL IN LINE PACKAGE
100% BURN IN
INTERNAL SMD TECHNOLOGY
LOW COST
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
MTBF>1,000,000 HOURS
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max. Input Voltage Range
+/-10% max.
Temperature Coefficient
+/-0.05%/°C Input Filter
Capacitor Type
Ripple & Noise(20MHz BW)1
100mVp-p max.
Protection
Fuse Recommended
Line Regulation2
+/-1.5% max.
Load Regulation3
+/-12% max.
GENERAL SPECIFICATIONS
Minimum Load
10% of Full Load Efficiency
50% typ.
Short Circuit Protection
Momentary Isolation Voltage4
1500 VDC min.
Isolation Resistance
10
9
ohms min.
Isolation Capacitance
80pF max.
ENVIRONMENTAL SPECIFICATIONS
Switching Frequency
100KHz typ.
Operating Temperature
-40 °C to +85 °C MTBF5
>1,000,000 Hours
Case Temperature
+100°C max. Weight
1.5g typ.
Storage Temperature
-55 °C to +125 °C Case Material
Non-Conductive Plastic
Humidity
95% max. Case Size
9.40mm*8.80mm*6.35mm
Cooling
Free-Air Convection Radiated Emissions
EN55022 Class B
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD AND 25
°C UNLESS OTHERWISE NOTED.
1 Measured with 1uF ceramic capacitor connect to the output pins.
2 Line Regulation is for a 1.0% change in input Voltage.
3 Load Regulation is for output load current change from 20% to 100%.
4 1500VDC for 10 seconds.
5 MIL-HDBK-217F @25 °C , Ground Benign.
AUS-0.1W SERIES
0.1W UNREGULATED


Similar Part No. - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AUS301 POSEICO-AUS301 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS301S06 POSEICO-AUS301S06 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS501 POSEICO-AUS501 Datasheet
164Kb / 4P
   RECTIFIER DIODE
AUS501HF POSEICO-AUS501HF Datasheet
165Kb / 4P
   RECTIFIER DIODE
AUS501HFS06 POSEICO-AUS501HFS06 Datasheet
165Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com