Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2906 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2N2906
Description  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2906 Datasheet(HTML) 6 Page - NXP Semiconductors

  2N2906 Datasheet HTML 1Page - NXP Semiconductors 2N2906 Datasheet HTML 2Page - NXP Semiconductors 2N2906 Datasheet HTML 3Page - NXP Semiconductors 2N2906 Datasheet HTML 4Page - NXP Semiconductors 2N2906 Datasheet HTML 5Page - NXP Semiconductors 2N2906 Datasheet HTML 6Page - NXP Semiconductors 2N2906 Datasheet HTML 7Page - NXP Semiconductors 2N2906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Jun 02
6
Philips Semiconductors
Product specification
PNP switching transistors
2N2906; 2N2906A
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT18/13
TO-18
B11/C7 type 3
97-04-18
a
α
k
D
A
L
seating plane
b
D1
0
5
10 mm
scale
Metal-can cylindrical single-ended package; 3 leads
SOT18/13
w
A
M
M
B M
A
1
2
3
j
B
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
UNIT
w
mm
5.31
4.74
0.47
0.41
5.45
5.30
4.70
4.55
1.03
0.94
1.1
0.9
15.0
12.7
α
0.40
45
°
Aa
b
D
D1
jk
L
2.54


Similar Part No. - 2N2906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2906 STMICROELECTRONICS-2N2906 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2906 SEMICOA-2N2906 Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
   PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
   PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Raytheon Company
2N2906 RAYTHEON-2N2906 Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
More results

Similar Description - 2N2906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com