Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

72A70D-4001 Datasheet(PDF) 1 Page - Continental Device India Limited

Part No. 72A70D-4001
Description  9.2 mm Round Type LED with Collar, Viewing Angle - 36°
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

72A70D-4001 Datasheet(HTML) 1 Page - Continental Device India Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9.2 mm Round Type LED with Collar, Viewing Angle - 36°
72A Series
All Dimensions are in mm (inch)
Typ.
Max
72A70D-4001
GaP/GaP
Hi-Red
Red Diffused
700
1.8
2.6
3
72A70T-4001
GaP/GaP
Hi-Red
Red Transparent
700
1.8
2.6
12
72A71D-4001
GaAsP/GaP
Hi-Eff Red
Red Diffused
640
1.8
2.6
100
72A71T-4001
GaAsP/GaP
Hi-Eff Red
Red Transparent
640
1.8
2.6
400
72A41D-4001
GaP/GaP
Yellow Green
Green Diffused
570
1.8
2.6
40
72A41T-4001
GaP/GaP
Yellow Green
Green Transparent
570
1.8
2.6
150
72A51D-4001
GaAsP/GaP
Yellow
Yellow Diffused
585
1.8
2.6
40
72A51T-4001
GaAsP/GaP
Yellow
Yellow Transparent
585
1.8
2.6
150
72A61D-4001
GaAsP/GaP
Orange
Orange Diffused
605
1.8
2.6
40
72A61T-4001
GaAsP/GaP
Orange
Orange Transparent
605
1.8
2.6
150
72A11D-4001
GaN
Blue
Blue Diffused
470
2.6
3.8
500
72A11C-4001
GaN
Blue
Water
470
2.6
3.8
2500
72A22C-4001
GaN
Blue Green
Water
505
2.6
3.8
8000
72A32C-4001
GaN
Green
Water
525
2.6
3.8
8000
72A82C-4001
GaN
White
Water
2.6
3.8
5000
72A82W-4001
GaN
White
Water Diffused
2.6
3.8
1000
Package Dimension
Directivity Radiation
Electrical Characterstics
Part No.
Chip Material
Emitted
Colour
Lens Colour
Wave
Length
Electro - Optical
Characterstics
(If = 20mA)
λP (nm)
Vf (v)
Iv (mcd)
Continental Device India Limited
Page 1 of 2
72ARev100506D


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn