Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52K4711W-9001 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 52K4711W-9001
Description  5.8 mm Round Type Dual Color LED with Collar - Three Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

52K4711W-9001 Datasheet(HTML) 2 Page - Continental Device India Limited

  52K4711W-9001 Datasheet HTML 1Page - Continental Device India Limited 52K4711W-9001 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Other Parameters applicable for all LEDs
52K-9
Series
Reverse
Voltage
Vr
Forward
Current
If
Forward Current
Peak
Ifp*
Power Pd
Operating
Temp
Topr
Storage
Temp
Tstg
(v)
(mA)
(mA)
(mW)
(ºC)
(ºC)
Green (GaP)
6
25
100
80
-25 ~ +80
-40 ~ +40
Red (GaP)
6
25
100
80
-25 ~ +80
-40 ~ +40
Orange
(GaAsP/GaP)
6
25
100
80
-25 ~ +80
-40 ~ +40
Yellow
(GaAsP/GaP)
6
25
100
80
-25 ~ +80
-40 ~ +40
Ultra Yellow
(AlGaInP)
6
30
100
80
-25 ~ +80
-40 ~ +40
Ultra Orange
(AlGaInP)
6
30
100
80
-25 ~ +80
-40 ~ +40
Ultra Red
(AlGaInP)
6
30
100
80
-25 ~ +80
-40 ~ +40
Ultra Yellow
Green
6
30
100
80
-25 ~ +80
-40 ~ +40
Blue
(GaN/SiC)
6
30
100
170
-25 ~ +80
-40 ~ +40
* 1/10 Duty Cycle. 0.1 ms Pulse Width
Temp of
Soldering
Bath
Max
Soldering
Time
Distance from
Solder Joint to
Case
Temp of
Soldering
Iron
Max
Soldering
Time
Distance
from Solder
to case
≤ 260 ºC
3S
>2mm
≤ 300 ºC
3S
>2mm
≤ 260 ºC
5S
>4mm
≤ 300 ºC
5S
>4mm
Component Disposal Instructions
1. All Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental
Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
LEDs
Disclaimer
Electrical Parameter
(at T a = 25ºC)
Colour
Soldering Instructions
Types
DIP and Wave Soldering
Iron Soldering (1.5 mm Iron Tip)
The product information and the selection guides facilitate selection of the nxt LEDs best suited for application in your product(s) as per your requirement. It
is recommended that you completely review our Data Sheet(s) so as to confirm that the LED(s) meet functionality parameters for your application. The
information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume
responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any
CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support
appliances or systems. CDIL customers selling these products (either as individual LEDs or incorporated in their end products), in any life saving/support
appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s).CDIL strives for
continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Page 2 of 2
52K-9_LEDRev100506D


Similar Part No. - 52K4711W-9001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
52KEY-501CH SIEMENS-52KEY-501CH Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
52KEY-506CH SIEMENS-52KEY-506CH Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
52KEY-547CH SIEMENS-52KEY-547CH Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
52KEY-548CH SIEMENS-52KEY-548CH Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
52KEY-549CH SIEMENS-52KEY-549CH Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
More results

Similar Description - 52K4711W-9001

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L315 BETLUX-BL-L315 Datasheet
228Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
logo
Continental Device Indi...
72A70D-4001 CDIL-72A70D-4001 Datasheet
206Kb / 2P
   9.2 mm Round Type LED with Collar, Viewing Angle - 36째
logo
BetLux Electronics
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L819 BETLUX-BL-L819 Datasheet
311Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
logo
List of Unclassifed Man...
209HGW ETC-209HGW Datasheet
137Kb / 7P
   3.0 MM MULTI COLOR ROUND TYPE LED LAMPS
logo
BetLux Electronics
BL-L107EGW BETLUX-BL-L107EGW Datasheet
156Kb / 3P
   Round Type, Bi-color LED lamp
BL-L517EGW BETLUX-BL-L517EGW Datasheet
66Kb / 3P
   Round Type, Bi-color LED lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com