Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

52K4711W-9001 Datasheet(PDF) 1 Page - Continental Device India Limited

Part No. 52K4711W-9001
Description  5.8 mm Round Type Dual Color LED with Collar - Three Leads
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

52K4711W-9001 Datasheet(HTML) 1 Page - Continental Device India Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.8 mm Round Type Dual Color LED with Collar - Three Leads
52K-9 Series
Viewing Angle - 6
4°/70°
All Dimensions are in mm (inch)
Typ.
Max
GaP/GaP
Hi-Red
700
1.8
2.6
8
GaP/GaP
Yellow-Green
570
1.8
2.6
20
GaP/GaP
Hi-Red
700
1.8
2.6
8
GaAsP/GaP
Yellow
585
1.8
2.6
20
GaP/GaP
Hi-Red
700
1.8
2.6
8
GaAsP/GaP
Orange
605
1.8
2.6
20
GaP/GaP
Yellow-Green
570
1.8
2.6
20
GaAsP/GaP
Yellow
585
1.8
2.6
20
GaAsP/GaP
Hi-Eff Red
635
1.8
2.6
800
GaN
Blue
470
2.6
3.8
400
GaAsP/GaP
Hi-Eff Red
635
1.8
2.6
800
GaN
Blue Green
505
2.6
3.8
1000
GaAsP/GaP
Hi-Eff Red
635
1.8
2.6
800
GaN
Blue Green
525
2.6
3.8
1000
GaN
Blue
470
2.6
3.8
400
GaN
Blue Green
525
2.6
3.8
1000
Package Dimension
Directivity Radiation
Electrical Characterstics
Part No.
Chip Material
Emitted
Colour
Lens Colour
Wave
Length
Electro - Optical
Characterstics
(If = 20mA)
λP (nm)
Vf (v)
Iv (mcd)
52K4711W-9001
Water Diffused
52K5711W-9001
Water Diffused
52K6711W-9001
Water Diffused
52K4511W-9001
Water Diffused
52K1711W-9001
Water Diffused
52K2755W-9001
Water Diffused
52K3755W-9001
Water Diffused
52K1325W-9001
Water Diffused
Continental Device India Limited
Page 1 of 2
52K-9_LEDRev100506D


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn