Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMA4732 Datasheet(PDF) 4 Page - Continental Device India Limited

Part No. 1SMA4732
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

1SMA4732 Datasheet(HTML) 4 Page - Continental Device India Limited

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
DO-214AC (SMA)
T&R
5,000
50K
46 x 38 x 22
7.9
T & R: Tape and Reel
1SMA4732_4760Rev080205E
All Dimensions are in mm
Inner Carton
Outer Carton
SMA Packaging Tape
Continental Device India Limited
Data Sheet
Page 4 of 5
1SMA4732 - 1SMA4760
(4V7 - 68V)
DO-214AC (SMA)
Surface Mount Package


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn