Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMA4732 Datasheet(PDF) 2 Page - Continental Device India Limited

Part No. 1SMA4732
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

1SMA4732 Datasheet(HTML) 2 Page - Continental Device India Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SURFACE MOUNT SILICON DIODE
1SMA4732 - 1SMA4760
DO214-AC (SMA)
DO-214AC (SMA)
Surface Mount Package
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF @ 200mA <1.2V
IR @
VR
(
Ω)
(mA)
(
Ω)
(mA)
(
µµA)
(V)
Nom. V
max
max
max
max
49.40
80
5.5
1500
0.25
0.1
35.8
53.60
95
5.0
1500
0.25
0.1
38.8
58.80
110
4.5
2000
0.25
0.1
42.6
65.10
125
4.0
2000
0.25
0.1
47.1
71.40
150
3.7
2000
0.25
0.1
51.7
1SMA4732_4760Rev080205E
756B
757B
Reverse Leakage
Marking
Code
ZZK @ IZK
(V) +/- 5%
1SMA4756
Zener Impedance
47
51
44.70
48.50
VZ @ IZT
ZZT @ IZT
min
760B
1SMA4758
53.20
758B
1SMA4759
58.90
759B
68
62
56
1SMA4760
64.60
1SMA4757
Device #
Zener Voltage
Continental Device India Limited
Data Sheet
Page 2 of 5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn