Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF51232M4S-90 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF51232M4S-90
Description  FLASH-ROM MODULE 2MByte (512K x 32-Bit)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF51232M4S-90 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF51232M4S-90 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF51232M4S-90 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HANBit
HMF51232M4S
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-2.0V to +7.0V
Voltage with respect to ground Vcc
VCC
-2.0V to +7.0V
Power Dissipation
Po
4W
Storage Temperature
TSTG
-65oC to +125oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
±5% device Supply Voltages
VCC
4.75V
5.25V
Vcc for
± 10% device Supply Voltages
Vcc
4.5V
5.5V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MI
N
TYP
MAX
UNITS
Input Load Current
Vin=Vss to, VCC, Vcc= Vcc Max
IL1
±1.0
µA
A9 Input Lodad Current
Vcc= Vcc Max, A9= 12.5V
IL1T
50
µA
Output Leakage Current
VOUT= VSS to VCC, VCC= VCC Max
IL0
±1.0
µA
Vcc Active Read Current(Note1,2)
/CE = VIL, /OE=VIH,
ICC1
80
120
mA
Vcc Active Write(Program/Erase)
Current(Note 2,3,4)
/CE = VIL, /OE=VIH
ICC2
120
160
mA
Vcc Standby Current(Note2)
/CE= VIH
ICC3
4
20
mA
Input Low Level
VIL
-0.5
0.8
V
Input High Level
VIH
2.0
Vcc+0.
5
V
Voltage for Autoselect
And Sector Protect
Vcc= 5.25V
VID
10.
5
12.5
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc Min
VOL
0.45
V
Output High Voltage
IOH = -2.5mA, Vcc = Vcc Min
VOH
2.4
V
Low Vcc Lock-Out Voltage
VLKO
3.2
4.2
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress


Similar Part No. - HMF51232M4S-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-120 HANBIT-HMF51232M4D-120 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-55 HANBIT-HMF51232M4D-55 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-70 HANBIT-HMF51232M4D-70 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-90 HANBIT-HMF51232M4D-90 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
More results

Similar Description - HMF51232M4S-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMF51232J4V HANBIT-HMF51232J4V Datasheet
419Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x32-Bit) - 68-Pin JLCC
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com