Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF51232M4V-55 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HMF51232M4V-55
Description  FLASH-ROM MODULE 2MByte (512K x 32-Bit)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF51232M4V-55 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HMF51232M4V-55 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMF51232M4V-55 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HMF51232M4V
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
11
PACKAGE DIMENSIONS
ODERING INFORMATION
Part Number
Density
Org.
Package
Component
Number
Vcc
SPEED
HMF51232M4V-55
2MByte
512K
×32bit
72 Pin-SIMM
4EA
3.3V
55ns
HMF51232M4V-70
2MByte
512K
×32bit
72 Pin-SIMM
4EA
3.3V
70ns
HMF51232M4V-90
2MByte
512K
×32bit
72 Pin-SIMM
4EA
3.3V
90ns
HMF51232M4V-120
2MByte
512K
×32bit
72 Pin-SIMM
4EA
3.3V
120ns
1.27
±0.08mm
0.25 mm MAX
MIN
2.54 mm
1.27
(Solder & Gold Plating)
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm
U5
U6
U7
U8


Similar Part No. - HMF51232M4V-55

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-120 HANBIT-HMF51232M4D-120 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-55 HANBIT-HMF51232M4D-55 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-70 HANBIT-HMF51232M4D-70 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-90 HANBIT-HMF51232M4D-90 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
More results

Similar Description - HMF51232M4V-55

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4S HANBIT-HMF51232M4S Datasheet
420Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMF51232J4V HANBIT-HMF51232J4V Datasheet
419Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x32-Bit) - 68-Pin JLCC
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com