Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF51232M4S Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF51232M4S
Description  FLASH-ROM MODULE 2MByte (512K x 32-Bit)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF51232M4S Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF51232M4S Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HANBit
HMF51232M4S
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
1
GENERAL DESCRIPTION
The HMF51232M4S is a high-speed flash read only memory (FROM) module containing 524,288 words organized in a x32bit
configuration. The module consists of four 512Kx 8 FROM mounted on a 72-pin, single-sided, FR4-printed circuit board.
Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state-machine, which controls the erase and programming circuitry. Write cycles
also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is
similar to reading from 12.0V flash or EPROM devices.
Four chip enable inputs, (/CE_UU1, /CE_UM1, /CE_LM1, /CE_LL1) are used to enable the module
’s 4 bytes independently.
Output enable (/OE) and write enable (/WE) can set the memory input and output.
When FROM module is disable condition, the module is becoming power standby mode, system designer can get low-power
design.
All module components may be powered from a single +5V DC power supply and all inputs and outputs are TTL-compatible.
FEATURES
w Access time : 55,70, 90 and 120ns
w High-density 2MByte design
w High-reliability, low-power design
w Single + 5V
± 0.5V power supply
w Easy memory expansion
wAll inputs and outputs are TTL- compatible
w FR4-PCB design
w Low profile 72-pin SIMM
w Minimum 1,000,000 write/erase cycle
w Sector erases architecture
w Sector group protection
w Temporary sector group unprotection
w Part Identification
HMF51232M4S: Gold Plate Lead
OPTIONS
MARKING
w Timing
55ns access
- 55
70ns access
- 70
90ns access
- 90
120ns access
- 120
w Package
72-pin SIMM
M
FUNCTIONAL BLOCK DIAGRAM
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
25
Vcc
49
DQ17
2
A3
26
DQ8
50
DQ18
3
A2
27
DQ9
51
DQ22
4
A1
28
DQ10
52
DQ21
5
A0
29
NC
53
DQ20
6
Vcc
30
Vcc
54
DQ19
7
A11
31
/CE
_LM1
55
Vcc
8
/OE
32
DQ15
56
A15
9
A10
33
DQ14
57
A12
10
Vcc
34
DQ13
58
A7
11
NC
35
DQ12
59
Vcc
12
/CE
_LL1
36
DQ11
60
A8
13
DQ7
37
A18
61
A9
14
DQ0
38
A16
62
DQ24
15
DQ1
39
Vss
63
DQ25
16
DQ2
40
A6
64
DQ26
17
DQ6
41
Vcc
65
NC
18
DQ5
42
A5
66
/CE
_UU1
19
DQ4
43
A4
67
DQ31
20
DQ3
44
Vcc
68
DQ30
21
/WE
45
NC
69
DQ29
22
A17
46
/CE
_UM1
70
DQ28
23
A14
47
DQ23
71
DQ27
24
A13
48
DQ16
72
Vss
FLASH-ROM MODULE 2MByte (512K x 32-Bit)
Part No. HMF51232M4S
PIN ASSIGNMENT
72-PIN SIMM
TOP VIEW


Similar Part No. - HMF51232M4S

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-120 HANBIT-HMF51232M4D-120 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-55 HANBIT-HMF51232M4D-55 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-70 HANBIT-HMF51232M4D-70 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D-90 HANBIT-HMF51232M4D-90 Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
More results

Similar Description - HMF51232M4S

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMF51232J4V HANBIT-HMF51232J4V Datasheet
419Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x32-Bit) - 68-Pin JLCC
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com