Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF8M32M8A-70 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMF8M32M8A-70
Description  FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF8M32M8A-70 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMF8M32M8A-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF8M32M8A-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HANBit
HMF8M32M8A
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
2
FUNCTIONAL BLOCK DIAGRAM
DQ32
A0-21
/OE
DQ0-7
/CE
U1
A0-21
/OE
DQ0-7
/CE
U5
A0-21
DQ8-15
/CE
U2
A0-21
DQ16-23
/CE
U3
A0-21
/WE
DQ24-31
/CE
U4
/CE-LL1
/WE
/OE
A0-21
DQ8-15
/CE
U6
A0-21
DQ 16-23
/CE
U7
A0-21
/WE
/OE
DQ 24-31
/CE
U8
/WE
/OE
/CE-LL2
/CE-LM1
/CE-LM2
/CE-UM1
/CE-UM2
/CE-UU1
/CE-UU2
DQ 0-DQ31
A0-A21
/WE
A22
/WE
/OE
/OE
/WE
/OE
/WE
/WE
/OE
/OE
/WE


Similar Part No. - HMF8M32M8A-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF8M32M8GL HANBIT-HMF8M32M8GL Datasheet
421Kb / 11P
   FLASH-ROM MODULE 32MByte (8M x 32-Bit)
HMF8M32M8GL-120 HANBIT-HMF8M32M8GL-120 Datasheet
421Kb / 11P
   FLASH-ROM MODULE 32MByte (8M x 32-Bit)
HMF8M32M8GL-75 HANBIT-HMF8M32M8GL-75 Datasheet
421Kb / 11P
   FLASH-ROM MODULE 32MByte (8M x 32-Bit)
HMF8M32M8GL-90 HANBIT-HMF8M32M8GL-90 Datasheet
421Kb / 11P
   FLASH-ROM MODULE 32MByte (8M x 32-Bit)
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF8M32M8A-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8G HANBIT-HMF4M32M8G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF8M32M8GL HANBIT-HMF8M32M8GL Datasheet
421Kb / 11P
   FLASH-ROM MODULE 32MByte (8M x 32-Bit)
HMNP32MM HANBIT-HMNP32MM Datasheet
465Kb / 13P
   Non-Volatile SRAM MODULE 32Mbyte (8M x 32Bit), PCI interface, (SMM) 5V
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com