Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32M8G-90 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32M8G-90
Description  FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32M8G-90 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF4M32M8G-90 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32M8G-90 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HANBit
HMF4M32M8G
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
1
PIN ASSIGNMENT
72-PIN SIMM
TOP VIEW
GENERAL DESCRIPTION
The HMF4M32M8G is a high-speed flash read only memory (FROM) module containing 8,388,608 words organized in a
x32bit configuration. The module consists of eight 2M x 8bit FROM mounted on a 72 -pin, double-sided, FR4-printed circuit
board. Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state -machine, which controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the
device is similar to reading from 12.0V flash or EPROM devices.
Eight chip enable inputs, (/CE_UU1, /CE_UM1, /CE_LM1, /CE_LL1, /CE_UU2, /CE_UM2, /CE_LM2, CE_LL2) are use d to
enable the module
’s 4 bytes independently. Outputs enable (/OE) and write enable (/WE) can set the memory input and
output.When FROM module is disable condition the module is becoming power standby mode, system designer can get low -
power design. All module components may be powered from a single +5V DC power supply and all inputs and outputs are
TTL-compatible.
FEATURES
w Part Identifications
HMF4M32M8G : 16Mbyte, 72-pin SIMM, Gold
HMF4M32M8 : 16Mbyte, 72-pin SIMM, Solder
wAccess time : 75, 90 and 120ns
w High-density 16MByte design
w High-reliability, low-power design
w Single + 5V
± 0.5V power supply
w Easy memory expansion
w All inputs and outputs are TTL-compatible
w FR4-PCB design
w Low profile 72-pin SIMM
w Minimum 1,000,000 write/erase cycle
w Sectors erase architecture
w Sector group protection
w Temporary sector group unprotection
w The used device is Am29F016B or MBM29F016-90PFTN
OPTIONS
MARKING
w Timing
75ns access
-75
90ns access
-90
120ns access
-120
w Packages
72-pin SIMM
M
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
25
A20
49
DQ17
2
A3
26
DQ8
50
DQ18
3
A2
27
DQ9
51
DQ22
4
A1
28
DQ10
52
DQ21
5
A0
29
/CE-LM2
53
DQ20
6
Vcc
30
Vcc
54
DQ19
7
A11
31
/CE-LM1
55
A19
8
/OE
32
DQ15
56
A15
9
A10
33
DQ14
57
A12
10
/RESET
34
DQ13
58
A7
11
/CE-LL2
35
DQ12
59
Vcc
12
/CE-LL1
36
DQ11
60
A8
13
DQ7
37
A18
61
A9
14
DQ0
38
A16
62
DQ24
15
DQ1
39
Vss
63
DQ25
16
DQ2
40
A6
64
DQ26
17
DQ6
41
/RY_BY
65
/CE-UU2
18
DQ5
42
A5
66
/CE-UU1
19
DQ4
43
A4
67
DQ31
20
DQ3
44
Vcc
68
DQ30
21
/WE
45
/CE-UM2
69
DQ29
22
A17
46
/CE-UM1
70
DQ28
23
A14
47
DQ23
71
DQ27
24
A13
48
DQ16
72
Vss
FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
Part No. HMF4M32M8G


Similar Part No. - HMF4M32M8G-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M8GL-120 HANBIT-HMF4M32M8GL-120 Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M8GL-75 HANBIT-HMF4M32M8GL-75 Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M8GL-90 HANBIT-HMF4M32M8GL-90 Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
More results

Similar Description - HMF4M32M8G-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF8M32M8A HANBIT-HMF8M32M8A Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF4M32B8VN HANBIT-HMF4M32B8VN Datasheet
430Kb / 13P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMF4M32M8V HANBIT-HMF4M32M8V Datasheet
429Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com