Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4495 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4495
Description  100-W 30-A Programmable Isolated DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4495 Datasheet(HTML) 2 Page - Texas Instruments

  PT4495 Datasheet HTML 1Page - Texas Instruments PT4495 Datasheet HTML 2Page - Texas Instruments PT4495 Datasheet HTML 3Page - Texas Instruments PT4495 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4452—24V
100-W 30-A Programmable
Isolated DC/DC Converter
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
Logic 0 = Connect to (–)Remote Sense, pin 20
Logic 1 = Open circuit (no pull-up resistors)
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, Vo =3.3V, Co =0µF, and Io =Iomax)
PT4452
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0
30
A
Input Voltage Range
Vin
Over Io Range
18
24
36
VDC
Set Point Voltage Tolerance
Vo tol
±1
±1.5
%Vo
Temperature Variation
Regtemp
–40°
≤Tc ≤ +100°C, Io =0
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±0.1
±1
%Vo
Load Regulation
Regload
Over Io range
±0.2
±1
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±2±3%Vo
–40°
≤Tc≤ +100°C
Efficiency
η
Io =15A
Vo =3.3V
89
Vo =2.5V
87
%
Vo =1.5V
81
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo >2.0V
55
75
mVpp
Vo≤2.0V
45
55
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
N/A
µs
∆Vtr
Vo over/undershoot
1
%Vo
1A/µs load step, 50% to 100% Iomax
75
µs
Vo over/undershoot
±5
%Vo
Current Limit Threshold
Ilim thld
Vin =18V, shutdown with auto-restart
35
A
Current Share Tolerance
Ishr tol
with PT4495 booster
±10
%
Over-Voltage Protection
OVP
Shutdown and latch off
125
%Vo
Switching Frequency
ƒs
Over Vin range
270
300
350
kHz
Under-Voltage Lockout
UVLO
17
V
Inhibit (Pin 3)
Referenced to –Vin (pin 2)
Input High Voltage
VIH
2.5
Open (1)
V
Input Low Voltage
VIL
–0.5
+0.8
Input Low Current
IIL
–0.2
mA
Standby Input Current
Iin standby
pins 3 & 2 connected
4
10
mA
Internal Input Capacitance
Cin
—3
—µF
External Output Capacitance
Cout
Between +Vo and –Vo
0
10,000
µF
Isolation Voltage
Input–output/input–case
1500
V
Capacitance
Input to output
1100
pF
Resistance
Input to output
10
M
Operating Temperature Range
Tc
Case temperature, over Vin range
-40
+115 (2)
°C
Over-Temperature Shutdown
OTP
Case temperature, auto reset
120
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
1.4
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2
Horizontal
20 (3)
—G’s
20-2000Hz, pcb mounted
Weight
90
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The Inhibit (pin 3) has an internal pull-up, which if left open circuit allows the converter to operate when input power is applied. The open-circuit is
limited to 6.5V. Refer to the application notes for interface considerations.
(2) See Safe Operating Area curves or contact the factory for the appropriate derating.
(3) The case pins on through-hole pin configuration (suffix A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT4495

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4493 TI-PT4493 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493A TI-PT4493A Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493C TI-PT4493C Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4493N TI-PT4493N Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4494 TI-PT4494 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4495

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com