Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PS89SS06 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 1PS89SS06
Description  High-speed double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS89SS06 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 1PS89SS06 Datasheet HTML 3Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 4Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 5Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 6Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 7Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 8Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 9Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 10Page - NXP Semiconductors 1PS89SS06 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Jun 08
7
Philips Semiconductors
Preliminary specification
High-speed double diodes
1PS89SS04; 1PS89SS05;
1PS89SS06
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
HE
Lp
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
98-10-23
IEC
JEDEC
EIAJ
mm
0.33
0.23
0.2
0.1
1.7
1.5
0.95
0.75
0.5
e
1.0
1.7
1.5
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
SOT490
SC-89
bp
D
e1
e
A
Lp
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
0.8
0.6
c
X
12
3
Plastic surface mounted package; 3 leads
SOT490


Similar Part No. - 1PS89SS06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS89SB14 PHILIPS-1PS89SB14 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB15 PHILIPS-1PS89SB15 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB16 PHILIPS-1PS89SB16 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB74 PHILIPS-1PS89SB74 Datasheet
55Kb / 8P
   Schottky barrier double diode
2001 Apr 20
More results

Similar Description - 1PS89SS06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD2837 PHILIPS-PMBD2837 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
PMBD2835 PHILIPS-PMBD2835 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com