Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32M4GL-120 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32M4GL-120
Description  FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32M4GL-120 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF2M32M4GL-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HANBit
HMF2M32M4GL
URL:www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
3
TRUTH TABLE
MODE
/OE
/CE
/WE
DQ
POWER
STANDBY
X
H
X
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
READ
L
L
H
Q
ACTIVE
WRITE or ERASE
X
L
L
D
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-2.0V to +7.0V
Voltage with respect to ground Vcc
VCC
-2.0V to +7.0V
Storage Temperature
TSTG
-65oC to +125oC
Operating Temperature
TA
-55oC to +125oC
Power Dissapation
PD
4W
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above thos e indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 10% device Supply Voltages
Vcc
4.5V
5.5V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.5mA, Vcc = Vcc min
VOH
2.4
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc min
VOL
0.45
V
Vcc Active Current for Read(1)
/CE = VIL, /OE=VIH,
ICC1
40
mA
Vcc Active Current for Program
or Erase(2)
/CE = VIL, /OE=VIH
ICC2
60
mA
Vcc Standby Current
/CE= VIH
ICC3
1.0
mA
Low Vcc Lock-Out Voltage
VLKO
3.2
4.2
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress


Similar Part No. - HMF2M32M4GL-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-120 HANBIT-HMF2M32M4VGL-120 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-70 HANBIT-HMF2M32M4VGL-70 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-80 HANBIT-HMF2M32M4VGL-80 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-90 HANBIT-HMF2M32M4VGL-90 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF2M32M4GL-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com