Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD32M32M16G Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMD32M32M16G
Description  128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD32M32M16G Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMD32M32M16G Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD32M32M16G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HANBit
HMD32M32M16G
URL:www.hbe.co.kr
-
7 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
PACKAGING INFORMATION
ORDERING INFORMATION
Part Number
Density
Org.
Package
Component
Number
Vcc
MODE
SPEED
HMD32M32M16G-5
128Byte
x 32
72 Pin-SIMM
16EA
5V
FPM
50ns
HMD32M32M16G-6
128Byte
x 32
72 Pin-SIMM
16EA
5V
FPM
60ns
0.25 mm MAX
MIN
2.54 mm
1.27 mm
(Solder & Gold Plating)
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm
1.27
±0.08mm


Similar Part No. - HMD32M32M16G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-5 HANBIT-HMD32M32M16EG-5 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-6 HANBIT-HMD32M32M16EG-6 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
More results

Similar Description - HMD32M32M16G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com