Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD16M32M8GH Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M32M8GH
Description  64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M32M8GH Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD16M32M8GH Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M32M8GH Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HANBit
HMD16M32M8GH
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
4
ICC2 : Standby Current ( /RAS=/CAS=VIH )
ICC3 : /RAS Only Refresh Current * ( /CAS=VIH, /RAS, Address cycling @tRC=min )
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 6.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 5.5V
VOH : Output High Voltage Level (IOH= -5mA )
VOL : Output Low Voltage Level (IOL = 4.2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 5V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A11)
CIN1
-
50
pF
Input Capacitance (/W)
C IN2
-
66
pF
Input Capacitance (/RAS0)
CIN3
-
38
pF
Input Capacitance (/CAS0-/CAS3)
CIN4
-
24
pF
Input/Output Capacitance (DQ0-31)
CDQ1
-
17
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 5V±10%, See notes 1,2.)
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
84
104
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
13
15
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
ns
Output buffer turn-off delay
tOFF
3
13
3
15
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
13
15
ns
/CAS hold time
tCSH
38
45
ns
/CAS pulse width
tCAS
8
10K
10
10K
ns
/RAS to /CAS delay time
tRCD
20
37
20
45
ns


Similar Part No. - HMD16M32M8GH

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8G-5 HANBIT-HMD16M32M8G-5 Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8G-6 HANBIT-HMD16M32M8G-6 Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
More results

Similar Description - HMD16M32M8GH

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M36M12G HANBIT-HMD16M36M12G Datasheet
70Kb / 7P
   64Mbyte (16Mx36) FP/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD16M36M12EG HANBIT-HMD16M36M12EG Datasheet
83Kb / 7P
   64Mbyte (16Mx36) EDO/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD4M144D9WG HANBIT-HMD4M144D9WG Datasheet
64Kb / 8P
   64Mbyte(4Mx144) 200-pin ECC Mode 4K Ref. DIMM Design 5V
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com