Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIM7050 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM7050
Description  Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7050 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM7050 Datasheet HTML 1Page - Global Connector Technology SIM7050 Datasheet HTML 2Page - Global Connector Technology SIM7050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Section C-C
Recommended PCB Layout
As viewed from component side General tolerance ±0.05
Component Outline
Solder Area
1.20
13.40
0.90
2.89
2.54
10.50
2.54
12.20
13.40±0.10
7.46
1.45
10.50
11.00±0.20
3.15
C
C
C1
C2
C3
C4
C5
C6
C7
C8
7.62
2.29
Specifications 规格
Material 物料
Plastic Housing 塑胶外壳: Thermoplastic, UL94V-0, black
Contact Terminal 接触端子: Phosphor Bronze
Metallic Shell 金属外壳: Stainless Steel SUS304
Plating 电镀
Contact Terminal 接触端子:
Contact Area 接触区域: 3µ" Gold
Solder area: 3µ" Gold
Underplating 底层电镀: 50µ" Ni overall
Metallic Shell 金属外壳:
Solder area 焊接区域镀金 1µ" Gold
Underplating 底层电镀: 50µ" Ni overall
Electrical 电气
Voltage Rating电压额定值: 50V
Current Rating 电流额定值: 1A max.
Operating Temperature 工作温度: -40°C to +85°C
Dielectric Withstanding Voltage 耐电压: 500V AC (60Sec min.)
Insulation Resistance 绝缘电阻: 1000 MΩ min. (Apply 500V DC)
Contact Resistance 接触电阻: 100 mΩ max.
Mechanical & Environmental 机械 & 环境
Duration 耐久性: 5000 cycles
No. of Contacts
6 = 6 Pin
(contacts C4 & C8 removed from component)
8 = 8 Pin
SIM7050
Ordering Grid
X
00
A
Packing Options
A = Tape & Reel
(900 per Reel)
0
Request Samples
and Quotation
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
X.XXX ± 0.15
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
1/3
SIM7050
Micro SIM Card Connector
Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
AJO
SIM7050
C PCN
C
By
Detail
Revision
Part Number
Drawing Date
24th August 2012
20/04/15
Date
X.X° ± 3.0°
X.XX° ± 2.0°
www.gct.co


Similar Part No. - SIM7050

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
SIM700 ETC1-SIM700 Datasheet
2Mb / 12P
   Wireless Module Solutions
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
   eMTC/NB-IoT/EDGE Module
SIM700D ETC1-SIM700D Datasheet
2Mb / 12P
   Wireless Module Solutions
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
   SIMCom NB-IoT Module
SIM7020E ETC1-SIM7020E Datasheet
409Kb / 3P
   SIMCom NB-IoT Module
More results

Similar Description - SIM7050

ManufacturerPart #DatasheetDescription
SUYIN USA, INC.
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
   SIM CARD CONNECTOR 6 PIN
Major League Electronics
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
   SIM Card Connector Push/Push Type 6 or 8 Pin
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
SF53 JAE-SF53 Datasheet
593Kb / 5P
   micro SIM Card Connector
SF56 JAE-SF56 Datasheet
403Kb / 5P
   micro SIM Card Connector
Adam Technologies, Inc.
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
   SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
   SIM CARD 6 PIN
SCC-A-06-SG-HC-TR ADAM-TECH-SCC-A-06-SG-HC-TR Datasheet
93Kb / 1P
   SIM CARD 6 PIN
SCC-A-06-SG-HC-15-TR ADAM-TECH-SCC-A-06-SG-HC-15-TR Datasheet
93Kb / 1P
   SIM CARD 6 PIN
SCC-08-SG-HC ADAM-TECH-SCC-08-SG-HC Datasheet
104Kb / 1P
   SIM CARD 8 PIN
Molex Electronics Ltd.
Molex Electronics Ltd.
47019-1502 MOLEX-47019-1502 Datasheet
108Kb / 2P
   SIM Card Connector Block Type
Adam Technologies, Inc.
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
   SIM CARD CONNECTOR
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com