Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAA190 Datasheet(PDF) 6 Page - Clare, Inc.

Part No. PAA190
Description  Dual Single Pole OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA190 Datasheet(HTML) 6 Page - Clare, Inc.

  PAA190 Datasheet HTML 1Page - Clare, Inc. PAA190 Datasheet HTML 2Page - Clare, Inc. PAA190 Datasheet HTML 3Page - Clare, Inc. PAA190 Datasheet HTML 4Page - Clare, Inc. PAA190 Datasheet HTML 5Page - Clare, Inc. PAA190 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions
at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and
disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support
or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make
changes to its products at any time without notice.
Specification: DS-PAA190-R02.0
©Copyright 2003, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
6/18/03
For additional information please visit our website at: www.clare.com
Dimensions
mm
(inches)
MECHANICAL DIMENSIONS
Tape and Reel Packaging for 8 Pin Surface Mount Package
K
1 = 4.2
(0.165)
Top Cover
Tape
P = 12.00
(0.472)
User Direction of Feed
W = 16.30 max
(0.642 max)
Bo = 10.30
(0.406)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
Ao = 10.30
(0.406)
330.2 DIA.
(13.00 DIA.)
18
K
0 = 4.90
(0.193)
NOTE:
Tape dimensions not shown, comply with JEDEC Standard EIA-481-2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PAA191 Dual Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA140L Dual Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LBA126L Single Pole OptoMOS Relays 1  2  3  4  Clare, Inc.
PAA193 Dual Pole OptoMOS Relays 1  2  3  4  5  Clare, Inc.
PAA110 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
XCB170 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LCA712 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LCA126 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA140 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA110 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn