Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5611 Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC5611
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611 Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC5611 Datasheet HTML 4Page - Clare, Inc. CPC5611 Datasheet HTML 5Page - Clare, Inc. CPC5611 Datasheet HTML 6Page - Clare, Inc. CPC5611 Datasheet HTML 7Page - Clare, Inc. CPC5611 Datasheet HTML 8Page - Clare, Inc. CPC5611 Datasheet HTML 9Page - Clare, Inc. CPC5611 Datasheet HTML 10Page - Clare, Inc. CPC5611 Datasheet HTML 11Page - Clare, Inc. CPC5611 Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CPC5610/CPC5611
8
www.clare.com
Rev. 9.0
2.2 Reactive Termination Application Circuit
Figure 4. Reactive Termination Application Circuit Schematic
1This design was tested and found to comply with FCC Part 68 with this
part. Other compliance requirements may require a different part.
2Higher-noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare applica-
tion note AN-146, Guidelines for Effective LITELINK Designs for more informa-
tion.
1
2
+
-
OH
RING
CID
TX+
RX+
TX-
RX-
3.3 or 5 V
C13 0.1
C14 0.1
C2 0.1
C3 0.1
C4 0.1
R1 (R
) 80.6K 1%
TX
R23
10
²
-BR
-BR
-BR
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
REFM
GND
RX-
RX+
SNP+
SNP-
RXF
RX
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR1-
NTS
GAT
REFB
DCS1
DCS2
ZDC
BR2-
RPB
RXS
VDDL
DB1
SIZB60
600V_60A
SP1
P3100SB
¹
-BR
-BR
A
A
A
C9
0.1
C16
10
FB1
600
200 mA
C1
1
R5 (R
)
42.2K
1%
TXF
R13
(R
)
1M
1%
NTS
C10
0.01
500V
R15 (R
) 1.69M 1%
DCS2
R14
(R
)
47
GAT
R20
(R
)
2
VDDL
R21 (R
)
1%
DCS1B
6.2 M
R22 (R
)
6.8 M 1%
DCS1A
C12 (C
)
0.027
DCS
R2
(R
)
127K
1%
RXF
R3
(R
)
1.5M
1%
SNPD
C7
(C
)
220pF
2000V
SNP-
C8
(C
)
220pF
2000V
SNP+
R6 (R
)
1.8M 1/10W 1%
SNP-2
R44 (R
)
1.8M 1/10W 1%
SNP-1
R7 (R
)
1.8M 1/10W 1%
SNP+2
R45 (R
)
1.8M 1/10W 1%
SNP+1
R4
(R
)
68.1
1%
PB
R8 (R
)
200K 1%
HTX
R9 (R
)
200K 1%
HNT
-BR
NOTE: Unless otherwise
noted, all resistors are in
Ohms, 5%. All capacitors
are in microFarads.
Q1
CPC5602C
R10
59
1%
(R
)
ZNT1
R18
29.4
1%
(R
)
ZTX1
R11
(R
)
169
1%
ZNT2
R19
84.5
1%
(R
)
ZTX2
C20
(C
)
0.68
ZNT
C11
(C
)
1.5
ZTX
R12
287K 1%
(R
)
NTF
R16
22.1 1%
(R
)
ZDC
-BR
-BR
-BR
C15
0.0022
500V
-BR
Q2
MMBT4126
R74
10
1%
-BR
C32
0.47


Similar Part No. - CPC5611

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
   Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601 IXYS-CPC5601 Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
logo
Clare, Inc.
CPC5601D CLARE-CPC5601D Datasheet
355Kb / 14P
   Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601D IXYS-CPC5601D Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
CPC5601DTR IXYS-CPC5601DTR Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
More results

Similar Description - CPC5611

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
List of Unclassifed Man...
CH1837A ETC1-CH1837A Datasheet
203Kb / 9P
   CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com