Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1231N Datasheet(PDF) 3 Page - Clare, Inc.

Part No. CPC1231N
Description  4-Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1231N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1231N Datasheet HTML 1Page - Clare, Inc. CPC1231N Datasheet HTML 2Page - Clare, Inc. CPC1231N Datasheet HTML 3Page - Clare, Inc. CPC1231N Datasheet HTML 4Page - Clare, Inc. CPC1231N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1231N
www.clare.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1231N
Typical LED Forward Voltage Drop
(Ambient Temperature = 25 C)
IF = 5mADC
LED Forward Voltage Drop (V)
CPC1231N
Typical On-Resistance Distribution
(Ambient Temperature = 25 C)
(Load Current = 120mA)
On-Resistance (
Ω)
CPC1231N
Typical Blocking Voltage Distribution
(Ambient Temperature = 25 C)
Blocking Voltage (V)
CPC1231N
Typical IF for Switch Operation
(Ambient Temperature = 25 C)
(Load Current = 120mA)
LED Current (mA)
CPC1231N
Typical IF for Switch Dropout
(Ambient Temperature = 25 C)
(Load Current = 120mA)
LED Current (mA)
CPC1231N
Typical Turn-On Time
(Ambient Temperature = 25 C)
(Load Current = 120mA; IF = 5mA)
Turn-On (ms)
CPC1231N
Typical Turn-Off Time
(Ambient Temperature = 25 C)
(Load Current = 120mA; IF = 5mA)
Turn-Off (ms)
CPC1231N
Typical Load Current vs. Temperature
(IF=0, IL=AC Peak)
Temperature ( C)
CPC1231N
Typical Leakage vs. Temperature
(Measured across Pins 3 & 4) IL = max rated
Temperature ( C)
CPC1231N
Typical Blocking Voltage
vs. Temperature
Temperature ( C)
CPC1231N
Typical Turn-On vs. Temperature
(Load Current = 50mA)
Temperature ( C)
5mA
10mA
CPC1231N
Typical Turn-Off vs. Temperature
(Load Current = 50mA)
Temperature ( C)
5mA
10mA


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1002N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1018N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1135N 4-Pin SOP OptoMOS Relays 1  2  3  4  5  Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1218Y 4-Pin SIP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn