Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1231N Datasheet(PDF) 2 Page - Clare, Inc.

Part No. CPC1231N
Description  4-Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1231N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1231N Datasheet HTML 1Page - Clare, Inc. CPC1231N Datasheet HTML 2Page - Clare, Inc. CPC1231N Datasheet HTML 3Page - Clare, Inc. CPC1231N Datasheet HTML 4Page - Clare, Inc. CPC1231N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1231N
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚C)
Parameter
Ratings
Units
Blocking Voltage
350
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1
A
Input Power Dissipation
150
mW
Total Power Dissipation 1
400
mW
Capacitance Input to Output
1
pF
Isolation Voltage Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current AC Peak 1, Continuous
-
I
L
-
-
120
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance 2
I
L=120mA
R
ON
-
25
30
Off-State Leakage Current
V
L=350V, IF=2mA
I
LEAK
-
-
5
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
2
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
2
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
25
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=120mA
I
F
2
-
50
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1 Load current derates linearly from 120mA @ 25oC to 80mA @ 85oC.
2 Measurement taken within 1 second of on time.
3 For applications requiring high temperature operation (greater than 60°C) an LED drive current of 5mA is recomended.
Electrical Characteristics


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1002N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1018N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1135N 4-Pin SOP OptoMOS Relays 1  2  3  4  5  Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1218Y 4-Pin SIP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn