Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1218Y Datasheet(PDF) 4 Page - Clare, Inc.

Part No. CPC1218Y
Description  4-Pin SIP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1218Y Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1218Y Datasheet HTML 1Page - Clare, Inc. CPC1218Y Datasheet HTML 2Page - Clare, Inc. CPC1218Y Datasheet HTML 3Page - Clare, Inc. CPC1218Y Datasheet HTML 4Page - Clare, Inc. CPC1218Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1218Y
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1218Y
Typical Turn-Off vs. Input Voltage
(Load Current = 100mA)
Input Voltage (V)
0
2
4
6
8
10 12 14 16 18
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
20
CPC1218Y
Typical On-Resistance vs. Temperature
(Load Current = max rated @ temperature)
Temperature (ºC)
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-20
0
20
40
60
80
100
Steady State
V
IN = 10V
V
IN = 5V
CPC1218Y
Typical Input Voltage for
Switch Operation vs. Temperature
(Load Current = 100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.45
1.40
1.35
1.30
1.25
1.20
1.15
CPC1218Y
Typical Input Voltage for
Switch Dropout vs. Temperature
(Load Current = 100mA)
Temperature (ºC)
-40
1.45
1.40
1.35
1.30
1.25
1.20
1.15
-20
0
20
40
60
80
100
Load Voltage (V)
600
400
200
0
-200
-400
-600
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
CPC1218Y
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
V
IN = 5V
o
CPC1218Y
Energy Rating Curve
Time
10µs
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100µs
100ms 1s
10ms
10s 100s


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPC1117N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1130N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1231N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1002N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1018N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
LBB126DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA710Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
XCA170SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LAA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn