Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1218Y Datasheet(PDF) 3 Page - Clare, Inc.

Part No. CPC1218Y
Description  4-Pin SIP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1218Y Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1218Y Datasheet HTML 1Page - Clare, Inc. CPC1218Y Datasheet HTML 2Page - Clare, Inc. CPC1218Y Datasheet HTML 3Page - Clare, Inc. CPC1218Y Datasheet HTML 4Page - Clare, Inc. CPC1218Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1218Y
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1218Y
Typical On-Resistance Distribution
(Ambient Temperature = 25ºC)
(Load Current = 100mA, V
IN = 5V)
35
30
25
20
15
10
5
0
On-resistance (Ω)
0.54 0.56
0.60
0.58
0.66
0.62 0.64
CPC1218Y
Typical Blocking Voltage Distribution
(Ambient Temperature = 25ºC)
35
30
25
20
15
10
5
0
63.5
64.5
65.5
66.5
64.0
65.0
66.0
Blocking Voltage (V)
CPC1218Y
Typical Input Voltage for Switch Operation
(Ambient Temperature = 25ºC)
(Load Current = 100mA)
1.55
1.65
1.75
1.5
1.6
1.7
1.8
Input Voltage (V)
25
20
15
10
5
0
CPC1218Y
Typical V
OFF for Switch Dropout
(Ambient Temperature = 25ºC)
(Load Current = 100mA)
25
20
15
10
5
0
1.55
1.65
1.75
1.5
1.6
1.7
1.8
Input Voltage (V)
CPC1218Y
Typical Turn-On Time
(Ambient Temperature = 25ºC)
(Load Current = 100mA; V
IN = 5V)
0.41
0.45
0.49
0.53
0.43
0.47
0.51
Turn-On (ms)
25
20
15
10
5
0
CPC1218Y
Typical Turn-Off Time
(Ambient Temperature = 25ºC)
(Load Current = 100mA; V
IN = 5V)
0.19
0.21
0.23
0.25
0.24
0.22
0.20
Turn-Off (ms)
25
20
15
10
5
0
CPC1218Y
Typical Maximum Load
Current vs. Temperature
Temperature (ºC)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
-40
-20
0
20
40
60
80
120
100
V
IN =5V
V
IN =10V
CPC1218Y
Typical Leakage vs. Temperature
(Measured across Pins 3 & 4)
V
L = max rated
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
CPC1218Y
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
CPC1218Y
Typical Turn-On vs. Temperature
(Load Current = 100mA)
Temperature (ºC)
V
IN = 5V
V
IN = 10V
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
CPC1218Y
Typical Turn-Off vs. Temperature
(Load Current = 100mA)
Temperature (ºC)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
V
IN = 5V
V
IN = 10V
CPC1218Y
Typical Turn-On vs. Input Voltage
(Load Current = 100mA)
Input Voltage (V)
0
5
10
15
20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPC1117N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1130N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1231N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1002N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1018N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
LBB126DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA710Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
XCA170SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LAA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn