Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1218Y Datasheet(PDF) 2 Page - Clare, Inc.

Part No. CPC1218Y
Description  4-Pin SIP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

CPC1218Y Datasheet(HTML) 2 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1218Y
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Voltage
15
V
Input Power Dissipation
300
mW
Total Power Dissipation 1
800
mW
Isolation Voltage Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 6.67 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous 1
V
IN=5V
I
L
-
-
600
mA
Peak Load Current
t≤10ms
I
LPK
-
-
1
A
On-Resistance 2
I
L=100mA
R
ON
-
-
0.8
Off-State Leakage Current
V
L=60V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
V
IN=5V, VL=10V
T
ON
-
-
5
ms
Turn-Off
V
IN=5V, VL=10V
T
OFF
-
-
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
25
-
pF
Input Characteristics @ 25°C
Input Control Voltage (must operate)
I
L=600mA
V
OP
3.75
-
-
V
Off Voltage (must be off)
-
V
OFF
-
-
1
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input Resistor
-
-
950
1K
1050
Common Characteristics @ 25°C
Capacitance Input to Output
-
-
-
1
-
pF
1 Load current derates linearly from 600mA @ 25oC to 480mA @80oC.
2 Measurement taken within 1 second of on time.
Electrical Characteristics


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPC1117N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1130N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1231N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1002N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1018N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
LBB126DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA710Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
XCA170SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LAA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn