Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1218Y Datasheet(PDF) 1 Page - Clare, Inc.

Part No. CPC1218Y
Description  4-Pin SIP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1218Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1218Y Datasheet HTML 1Page - Clare, Inc. CPC1218Y Datasheet HTML 2Page - Clare, Inc. CPC1218Y Datasheet HTML 3Page - Clare, Inc. CPC1218Y Datasheet HTML 4Page - Clare, Inc. CPC1218Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1218Y-R01
1
CPC1218Y
4-Pin SIP OptoMOS® Relay
Part #
Description
CPC1218Y
4-Pin SIP (25/tube)
CPC1218Y
Units
Blocking Voltage
60
V
P
Load Current
600
mA
Max R
ON
0.8
Input Voltage to operate
5-12
V
Applications
Features
Description
Ordering Information
Pin Configuration
Security
Passive Infrared Detectors (PIR)
Data Signalling
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Energy Meters
Medical Equipment—Patient/Equipment Isolation
Aerospace
Industrial Controls
100% Solid State
Voltage-controlled operation
Matches popular reed relay pin-out
Designed for use in security systems complying
with EN50130-4
Small 4-Pin SIP Package
TTL/CMOS Compatible input
Arc-Free With No Snubbing Circuits
2500V
rms Input/Output Isolation
No EMI/RFI Generation
Immune to radiated EM fields
Auto Pick & Place, Wave Solderable
The CPC1218Y is a miniature voltage-controlled
1-Form-A Solid State Relay in a 4-pin Single In-line
Package (SIP) that employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The super efficient MOSFET
switches and photovoltaic die use Clare’s patented
OptoMOS® architecture. The optically-coupled output
is controlled by the input's highly efficient GaAlAs
infrared LED and a built-in series resistor to provide
input voltage-controlled operation.
The CPC1218Y features a pin-out that matches many
popular reed relays and is thus a "drop-in" solid state
replacement. Because the input is solid state there is
no need for snubbers or "catch" diodes to suppress the
inductive fly back transient voltage normally associated
with EMR coils.
1
2
3
4
+
CPC1218Y Pinout
Switching Characteristics of Normally
Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Approvals
UL recognized file #E76270
Certified to EN60950


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPC1117N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1130N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1231N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
CPC1002N4-Pin SOP OptoMOS Relay 1 2 3 Clare, Inc.
CPC1018N4-Pin SOP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
LBB126DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA710Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
XCA170SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LAA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn