Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1117N Datasheet(PDF) 3 Page - Clare, Inc.

Part No. CPC1117N
Description  4-Pin SOP OptoMOS Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1117N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1117N Datasheet HTML 1Page - Clare, Inc. CPC1117N Datasheet HTML 2Page - Clare, Inc. CPC1117N Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no
liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement
of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended
to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to
discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1117N-R0B
©Copyright 2006, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
1/4/06
For additional information please visit our website at: www.clare.com
3
Mechanical Dimensions
2.54 TYP.
(0.100 TYP.)
2.18 MAX.
(0.086)
0.38 TYP.
(0.015 TYP.)
6.096 ± 0.102
(0.240 ± 0.004)
3.81 ± 0.08
(0.150 ± 0.003)
4.09 ± 0.20
(0.161 ± 0.008)
0.38 x 45°
(0.015 x 45°)
1.020 ± 0.025
(0.040 ± 0.001)
0.432 ± 0.127
(0.017 ± 0.005)
0.200 ± 0.025
(0.008 ± 0.001)
PC Board Pattern
(Top View)
2.54 ± 0.127
(0.100 ± 0.005)
5.66 ± 0.14
(0.223 ± 0.005)
1.448
(0.057)
0.889
(0.035)
4-Pin SOIC Narrow ("N" Suffix)
Dimensions:
mm
(inches)
B0 = 4.70
(0.185)
A
A
P = 8.00
(0.315)
W = 12.00 MAX
(0.472 MAX)
K1 = 2.30
(0.091)
SECTION A-A
Tape and Reel Packaging for 4-pin SOP package
330.2 DiA
(13.00" DiA)
Top Cover
Tape Thickness
0.102 MAX
(0.004 MAX)
K0 = 2.7
(0.106)
Embossment
Embossed
Carrier
A0 = 6.50
(0.256)
NOTE: Tape dimensions not shown, comply with JEDEC Standard EIA-481-2
Manufacturing Information
Soldering
Recommended soldering processes are limited to
260ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
e3
RoHS
2002/95/EC


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1002N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1018N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1135N 4-Pin SOP OptoMOS Relays 1  2  3  4  5  Clare, Inc.
CPC1218Y 4-Pin SIP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn