Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1117N Datasheet(PDF) 2 Page - Clare, Inc.

Part No. CPC1117N
Description  4-Pin SOP OptoMOS Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1117N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1117N Datasheet HTML 1Page - Clare, Inc. CPC1117N Datasheet HTML 2Page - Clare, Inc. CPC1117N Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.clare.com
2
CPC1117N
R0B
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input control Current
50
mA
Peak (10ms)
1
A
Input Power Disipation
70
mW
Total Power Dissipation 1
400
mW
Isolation voltage Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current (Continuous) 1
I
F=0mA
I
L
-
-
150
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance 2
I
L=120mA
R
ON
-
-
16
Off-State Leakage Current
V
L=60V, IF=2mA
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=2mA, VL=10V
T
ON
-
-
1
ms
Turn-Off
I
F=2mA, VL=10V
T
OFF
-
-
2
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
25
-
pF
Input Characteristics @ 25°C
Input Control Current3
I
L=120mA
I
F
1
-
-
mA
Input Dropout Current
-
I
F
0.3
0.9
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Capacitance Input to Output
-
-
-
1
-
pF
1 Load current derates linearly from 100mA @ 25oC to 70mA @85oC.
2 Measurement taken within 1 second of on time.
3 For applications requiring high temperature operation (greater than 60oC) an LED drive current of 10mA is recommended.
Electrical Characteristics


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1002N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1018N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1135N 4-Pin SOP OptoMOS Relays 1  2  3  4  5  Clare, Inc.
CPC1218Y 4-Pin SIP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn