Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1117N Datasheet(PDF) 1 Page - Clare, Inc.

Part No. CPC1117N
Description  4-Pin SOP OptoMOS Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1117N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1117N Datasheet HTML 1Page - Clare, Inc. CPC1117N Datasheet HTML 2Page - Clare, Inc. CPC1117N Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.clare.com
DS-CPC1117N-R0B
1
CPC1117N
4-Pin SOP OptoMOS® Relay
e3
RoHS
2002/95/EC
Part #
Description
CPC1117N
4-Pin SOP (100/tube)
CPC1117NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
150
mA
Max On-resistance
16
LED Current to operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
Security
Passive Infrared Detectors (PIR)
Data Signalling
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Aerospace
Industrial Controls
Designed for use in security systems complying
with EN50130-4
Only 1mA of LED current required to operate
Small 4-Pin SOP Package
TTL/CMOS Compatible input
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
1500V
rms Input/Output Isolation
No EMI/RFI Generation
Immune to radiated EM fields
SMD Pick & Place, Wave Solderable
Tape & Reel Version Available
The CPC1117N is a miniature 1-Form-B solid state
relay in a 4-Pin SOP package that employs optically
coupled MOSFET technology to provide 1500V
rms
of input to output isolation. The efficient MOSFET
switches and photovoltaic die use Clare’s patented
OptoMOS® architecture. The optically coupled output
is controlled by the input's highly efficient GaAlAs
infrared LED using Clare’s state of the art double
molded vertical construction packaging to produce the
world’s smallest relay. The CPC1117N offers board
space savings of at least 20% over the competitor’s
larger 4-Pin SOP relay. It boasts the industries'
lowest input current to operate in its class.
Approvals
UL Recognized Component
Certified to EN60950
1
2
3
4
+ Control
– Control
Load
Load
Switching Characteristics of
Normally Closed (Form B) Devices
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1002N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1018N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1135N 4-Pin SOP OptoMOS Relays 1  2  3  4  5  Clare, Inc.
CPC1218Y 4-Pin SIP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn