Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1004N Datasheet(PDF) 4 Page - Clare, Inc.

Part No. CPC1004N
Description  4 Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1004N Datasheet HTML 1Page - Clare, Inc. CPC1004N Datasheet HTML 2Page - Clare, Inc. CPC1004N Datasheet HTML 3Page - Clare, Inc. CPC1004N Datasheet HTML 4Page - Clare, Inc. CPC1004N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1004N
R02.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1004N
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
50mA
10mA
5mA
CPC1004N
Typical Turn-On vs. LED Forward Current
(Load Current = 100mA)
LED Forward Current (mA)
CPC1004N
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mA)
LED Forward Current (mA)
CPC1004N
Typical On-Resistance vs. Temperature
(Load Current = max rated @ temperature)
Temperature ( C)
IF = 10mA
IF = 5mA
Load Voltage (V)
CPC1004N
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
IF = 5mA
CPC1004N
Energy Rating Curve
Time
CPC1004N
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mA)
Temperature ( C)
CPC1004N
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mA)
Temperature ( C)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.
CPC1008N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1030N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1035N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1230N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1017N 4 Pin SOP OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn