Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1004N Datasheet(PDF) 3 Page - Clare, Inc.

Part No. CPC1004N
Description  4 Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1004N Datasheet HTML 1Page - Clare, Inc. CPC1004N Datasheet HTML 2Page - Clare, Inc. CPC1004N Datasheet HTML 3Page - Clare, Inc. CPC1004N Datasheet HTML 4Page - Clare, Inc. CPC1004N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1004N
www.clare.com
3
R02.0
PERFORMANCE DATA*
CPC1004N
Typical LED Forward Voltage Drop
(Ambient Temperature = 25 C)
IF = 5mADC
LED Forward Voltage Drop (V)
CPC1004N
Typical On-Resistance Distribution
(Ambient Temperature = 25 C)
(Load Current = 300mA)
On-Resistance (
Ω)
CPC1004N
Typical Blocking Voltage Distribution
(Ambient Temperature = 25 C)
Blocking Voltage (V)
CPC1004N
Typical IF for Switch Operation
(Ambient Temperature = 25 C)
(Load Current = 300mA)
LED Current (mA)
CPC1004N
Typical IF for Switch Dropout
(Ambient Temperature = 25 C)
(Load Current = 300mA)
LED Current (mA)
CPC1004N
Typical Turn-On Time
(Ambient Temperature = 25 C)
(Load Current = 300mA; IF = 5mA)
Turn-On (ms)
CPC1004N
Typical Turn-Off Time
(Ambient Temperature = 25 C)
(Load Current = 200mA; IF = 5mA)
Turn-Off (ms)
CPC1004N
Typical MaximumLoad
Current vs. Temperature
Temperature ( C)
I =5mA
F
I =10mA
F
CPC1004N
Typical Leakage vs. Temperature
(Measured across Pins 3 & 4) VL = max rated
Temperature ( C)
CPC1004N
Typical Blocking Voltage
vs. Temperature
Temperature ( C)
CPC1004N
Typical Turn-On vs. Temperature
(Load Current = 200mA)
Temperature ( C)
5mA
10mA
CPC1004N
Typical Turn-Off vs. Temperature
(Load Current = 300mA)
Temperature ( C)
5mA
10mA
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.
CPC1008N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1030N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1035N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1230N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1017N 4 Pin SOP OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn