Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW9920 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # TW9920
Description  Analog Video Decoder / Encoder
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TW9920 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button TW9920 Datasheet HTML 42Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 43Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 44Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 45Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 46Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 47Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 48Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 49Page - List of Unclassifed Manufacturers TW9920 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
TW9920
TECHWELL, INC.
46
REV. D
08/29/2005
0x08 – Vertical Delay Register, Low (VDELAY_LO)
Bit
Function
R/W
Description
Reset
7-0
VDELAY_
LO
R/W These bits are bit 7 to 0 of the 10-bit Vertical Delay register. The
two MSBs are in the CROP_HI register. It defines the number of
lines between the leading edge of VSYNC and the start of the
active video.
12
0x09 – Vertical Active Register, Low (VACTIVE_LO)
Bit
Function
R/W
Description
Reset
7-0
VACTIVE_
LO
R/W These bits are bit 7 to 0 of the 10-bit Vertical Active register. The
two MSBs are in the CROP_HI register. It defines the number of
active video lines per frame output.
The VACTIVE register has a shadow register for use with 50Hz
source when Atreg of Reg0x1C is not set. This register can be
accessed through the same index address by first changing the
format standard to any 50Hz standard.
F0
0x0A – Horizontal Delay Register, Low (HDELAY_LO)
Bit
Function
R/W
Description
Reset
7-0
HDELAY_
LO
R/W These bits are bit 7 to 0 of the 10-bit Horizontal Delay register. The
two MSBs are in the CROP_HI register. It defines the number of
pixels between the leading edge of the HSYNC and the start of the
image cropping for active video.
The HDELAY_LO register has two shadow registers for use with
PAL and SECAM sources respectively. These register can be
accessed using the same index address by first changing the
decoding format to the corresponding standard.
0F
0x0B – Horizontal Active Register, Low (HACTIVE_LO)
Bit
Function
R/W
Description
Reset
7-0
HACTIVE
_LO
R/W These bits are bit 7 to 0 of the 10-bit Horizontal Active register. The
two MSBs are in the CROP_HI register. It defines the number of
active pixels per line output.
D0


Similar Part No. - TW9920

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
More results

Similar Description - TW9920

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
Sony Corporation
CXD2131Q SONY-CXD2131Q Datasheet
189Kb / 13P
   Video Aspect Ratio Identification Signal Encoder/Decoder
logo
Renesas Technology Corp
TW9984 RENESAS-TW9984 Datasheet
180Kb / 2P
   4-Channel Video Decoder and Video Encoder for Automotive Applications
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
logo
NXP Semiconductors
SAA7135 PHILIPS-SAA7135 Datasheet
116Kb / 6P
   Single-chip, analog TV video/stereo DECODER
December 2002
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
   Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com