Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT7120 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CZT7120
Description  SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 2 page
background image
PRELIMINAR
Y
MIN
MAX
MIN
MAX
A
10°
10°
B
0.059
0.071
1.50
1.80
C
0.018
---
0.45
---
D
0.000
0.004
0.00
0.10
E
F
0.009
0.014
0.23
0.35
G
0.248
0.264
6.30
6.70
H
0.114
0.122
2.90
3.10
I
0.130
0.146
3.30
3.70
J
0.264
0.287
6.70
7.30
K
0.024
0.033
0.60
0.85
L
M
SOT-223 (REV: R3)
15°
0.091
0.181
4.60
2.30
15°
DIMENSIONS
SYMBOL
MILLIMETERS
INCHES
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT7120
SURFACE MOUNT
PNP SILICON SWITCHING
POWER
TRANSISTOR
R2 (17-June 2004)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSP62T1MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
CZT2680SURFACE MOUNT NPN HIGH VOLTAGE SILICON SWITCHING POWER TRANSISTOR 1 2 Central Semiconductor Corp
NSS35200CF8T1GHigh Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
CZT3120SURFACE MOUNT NPN SILICON SWITCHING POWER TRANSISTOR 1 2 Central Semiconductor Corp
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreON Semiconductor
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreMotorola, Inc
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
BCP53T1MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl