Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZT3090L Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CZT3090L
Description  SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CZT3090L Datasheet(HTML) 2 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A
10°
10°
B
0.059
0.071
1.50
1.80
C
0.018
---
0.45
---
D
0.000
0.004
0.00
0.10
E
F
0.009
0.014
0.23
0.35
G
0.248
0.264
6.30
6.70
H
0.114
0.122
2.90
3.10
I
0.130
0.146
3.30
3.70
J
0.264
0.287
6.70
7.30
K
0.024
0.033
0.60
0.85
L
M
SOT-223 (REV: R3)
15°
0.091
0.181
4.60
2.30
15°
DIMENSIONS
SYMBOL
MILLIMETERS
INCHES
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT3090L
SURFACE MOUNT
LOW VCE(SAT)
NPN POWER TRANSISTOR
R2 (17-June 2004)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn