Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZT3090L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT3090L
Description  SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CZT3090L Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
3.0
A
Peak Pulse Current
ICM
6.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=20V
100
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10µA
45
V
BVCEO
IC=10mA
15
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=100mA, IB=1.0mA
30
50
mV
VCE(SAT)
IC=1.0A, IB=20mA
60
150
mV
VCE(SAT)
IC=2.0A, IB=200mA
85
200
mV
VCE(SAT)
IC=3.0A, IB=60mA
145
300
mV
hFE
VCE=2.0V, IC=500mA
200
hFE
VCE=2.0V, IC=1.0A
200
hFE
VCE=2.0V, IC=3.0A
175
Cob
VCB=10V, f=1.0MHz
100
pF
fT
VCE=10V, IC=500mA
100
MHz
CZT3090L
SURFACE MOUNT
LOW VCE(SAT)
NPN SILICON POWER TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (17-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT3090L is
a Low VCE(SAT) NPN Transistor in a space
saving Power SOT-223 surface mount package,
designed for DC-DC converters for mobile
systems and LAN cards, motor control, power
management and strobe flash units.
MARKING CODE: FULL PART NUMBER


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn