Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT953 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CZT953
Description  SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 2 page
background image
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT953
SURFACE MOUNT
HIGH CURRENT
SILICON PNP TRANSISTOR
R2 (30-January 2006)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=1.0A
100
200
300
hFE
VCE=1.0V, IC=3.0A
50
70
hFE
VCE=1.0V, IC=4.0A
30
45
hFE
VCE=1.0V, IC=10A
15
fT
VCE=10V, IC=100mA, f=50MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
45
pF




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreON Semiconductor
BCP69T1MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 Motorola, Inc
BCP53T1MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 ON Semiconductor
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreMotorola, Inc
CXT953SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR 1 2 Central Semiconductor Corp
PZT751T1SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
CZT751SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR 1 2 Central Semiconductor Corp
NSS35200CF8T1GHigh Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
NSL12AWHigh Current Surface Mount PNP Silicon Low VCE sat Transistor for Battery Operated Applications 1 2 3 4 ON Semiconductor
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl